Part Number Hot Search : 
SMBJ120A PSXT90 GP20A AS23XX SMBJ120A VT6102 ZN525 6270M
Product Description
Full Text Search
 

To Download ILC555N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
CMOS general purpose timer
The ILC555 is CMOS RC timers providing significantly improved performance over the standard SE/NE555 and 355 timers, while at the same time being direct replacements for those devices in most applications. Improved parameters include low supply current, wide operating supply voltage range, low THRESHOLD, TRIGGER and RESET currents, no crowbarring of the supply current during output transitions, higher frequency performance and no requirement to decouple CONTROL VOLTAGE for stable operation. Specifically, the ILC555 is stable controller capable of producing accurate time delays of frequencies.
ILC555
* * * * * * * *
Exact equivalent in most cases for SE/NE555. Low Supply Current. High speed operation - 500 kHz guaranteed. Wide operation supply voltage range - 2 to 18 volts. Timing from microseconds through hours. Operates in both astable and monostable modes. Adjustable duty cycle. High output source/sink driver can drive TTL/CMOS
ORDERING INFORMATION ILC555N Plastic ILC555D SOIC TA = -20 to 70 C for all packages.
PIN ASSIGNMENT
GND TRIGGER OUTPUT RESET
01 02
08
VCC
07 DISCHARGE
ILC555N
03 04
06 THRESHOLD 05 CONTROL VOLTAGE
1
ILC555
TRUTH TABLE
THRESHOLD X > 2/3VCC < 2/3VCC X TRIGGER X > 1/3VCC > 1/3VCC < 1/3VCC RESET L H H H OUTPUT L L STABLE H DISCHARGE ON ON STABLE OFF
MAXIMUM RATINGS AND RECOMMENDED OPERATING CONDITIONS
Recommended operating conditions Parameter, unit Symbol min Supply Voltage, V Output Current, m Input Voltage, V VCC IO VTH, VTRIG, VRST PD TOPR TSTG TSOLDER 2.0 Value max 18.0 20 min 0 -0.3 Maximum ratings Value max 18.0 100 VCC+0.3 200 85 150 260
Power Dissipation, mW Operating Temperature, Storage Temperature, Lead Temperature, 1 mm from Case for 10 Seconds,
-20 -
70 -
-20 -65
2
ILC555
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Parameter, units Threshold Voltage, V Symbol VTH Test Conditions IOL, IOH VCC, 5.0 min 0.65 VCC 0.60 VCC Trigger voltage, V VTRIG 5.0 0.31 VCC 0.28 VCC 2.0 Reset voltage, V VRST 18.0 2.0 18.0 Control Voltage Lead, V VCV 0.65 VCC 0.60 VCC Output voltage Low, V VOL IOL = 3.2 m IOL = 20 m IOL = 3.2 m IOL = 20 m Output voltage High, V VOH IOH = -0.8 m 5.0 15.0 5.0 15.0 5.0 15.0 5.0 15.0 2.0 Supply Current, A ICC 18.0 2.0 18.0 4.0 14.3 3.5 14.0 200 300 400 600 -20, 70 2510 -20, 70 0.69 VCC 0.80 VCC 0.4 1.0 0.6 1.5 2510 -20, 70 2510 -20, 70 2510 0.2 1.5 -20, 70 0.4 Value max 0.70 VCC 0.80 VCC 0.36 VCC 0.40 VCC 1.0 Temperature, 2510 -20, 70 2510 -20, 70 2510
3
ILC555
AC ELECTRICAL CHARACTERISTICS
Test Conditions Parameter, unit Rise (Fall) Time of Output, ns Guaranteed Max Osc Freq, kHz Initial accuracy, % Drift with Temperature, %/ Symbol RL, CL VCC, V Min Value Max Temperature,
tTHL, tTLH RL = 10 , CL = 10 pF fMAX
Astable Operation
5.0
35 70 500 200 5
75 150
2510 -20, 70 2510 -20, 70
2.018.0 5.0
f RL = 1 - 100 k, CL = 0.1 F f
0.02 0.03 0.06 3 6
-20, 70
Drift with Supply Voltage, %/
10.0 15.0 5.0
2510 -20, 70
TRIGGER COMPARATOR A
THRESHOLD
COMPARATOR B
Figura 1. Block Diagram
VCC 0.9 TRIGGER tHL 0.9 OUTPUT 0.1 tTLH tTHL 0.1 GND 0.1 GND VCC 0.9
Figura 2. Switcing Waveforms
4
ILC555
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
F G
M H J
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F G
J F M
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of ILC555N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X